Part Number Hot Search : 
STTH806 75SC10 AT28C S29GL128 LS259 THV705 1540CT MMSZ30T1
Product Description
Full Text Search
 

To Download REC10-2433SRW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

10W 1"x 2" Package (50.1x25.4x10.8mm) 1.6kVDC Isolation Wide Input 2:1 & 4:1 Regulated Output UL94V-0 Package Material Continuous Short Circuit Protection Remote ON/OFF-Control for Single Types Efficiency to 84%
ECONOLINE
DC/DC-Converter
REC10S_DRW(Z)/ H Series
10 Watt 1" x 2" Single & Dual Output
Selection Guide
Part Number 1" x 2" REC10-xx3.3SRW/H REC10-xx05SRW/H REC10-xx12SRW/H REC10-xx15SRW/H REC10-xx24SRW/H REC10-xx3.3SRWZ/H REC10-xx05SRWZ/H REC10-xx12SRWZ/H REC10-xx15SRWZ/H REC10-xx3.3DRWZ/H REC10-xx05DRWZ/H REC10-xx12DRWZ/H REC10-xx15DRWZ/H 2:1 xx = 9-18Vin = 12 xx = 18-36Vin = 24 xx = 36-75Vin = 48 Input Voltage (VDC) 9-18, 18-36, 36-75 9-18, 18-36, 36-75 9-18, 18-36, 36-75 9-18, 18-36, 36-75 9-18, 18-36, 36-75 9-36, 18-75 9-36, 18-75 9-36, 18-75 9-36, 18-75 9-36, 18-75 9-36, 18-75 9-36, 18-75 9-36, 18-75 Output Voltage (VDC) 3.3 5 12 15 24 3.3 5 12 15 3.3 5 12 15 Output Current (mA) 2000 2000 830 670 420 2000 2000 830 670 1000 1000 416 333 (%) 74-76 80-81 81-84 82-84 81-84 74 77-80 81-82 80-82 74 77-80 81-82 80-82 Efficiency
Designed to meet EN-60950-1 UL-60950-1 Pending
4:1 * add suffix "/CTRL" for optional Remote ON/OFF-Control xx = 9-36Vin = 24 xx = 18-75Vin = 48
Specifications (Core Operating Area)
Input Voltage Range Input Filter Output Voltage Accuracy Line Voltage Regulation 2:1 & 4:1 type 2% max. 0.5% max.
Derating-Graph
(Ambient Temperature)
120 100
Output Power (%)
Load Voltage Regulation (10% to 100% full load ) 1% max. Minimum Load 3.3, 5V, 3.3, 5Vout 3% 12,15, 24, 12, 15Vout 0% Ripple <0.2% Vout +40mVp-p max. Noise <0.5% Vout +50mVp-p max. Operating Frequency Over Power Protection Over Voltage Protection Short Circuit Protection Efficiency at Full Load IIsolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance (tested for 1 second) (long term isolation) 300kHz typ. 120%, automatic recovery Zener diode clamp Current limit, auto-recovery 85% max. 1600VDC min. see Application Notes 1000pF 100 M min. continued on next page 124 July-2006
2:1 Range 4:1 Range
Safe Operating Area
80 60
40
20 0
60%
-25 0 25 50 75 100
70
Operating Temperature (C)
Is 2:1 Range Is 4:1 Range
www.recom-international.com
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area) cont.
Operating Temperature Range (Natural convection) 2:1 (with derating) 4:1 Storage Temperature Range Case Temperature Temperature Coefficient Relative Humidity Case Material Cooling Method Package Weight EMI (Conducted & Radiated Emission) MTBF (+25C) Detailed Information see (+70C) Application Notes chapter "MTBF"
REC10-S_DRW(Z)/H Series
-25C to +70C (see Graph) -25C to +70C (see Graph) -55C to +105C +100C max. 0.02%/C 95% RH
Nickel Plated Copper with Non-Conductive Base, Six-side Shielded Natural convection 32g using MIL-HDBK 217F using MIL-HDBK 217F EN 55022 class A 800 x 103 hours 256 x 103 hours
}
Package Style and Pinning (mm) 1" x 2" , Wide Input 2:1 & 4:1
1" x 2" PIN Package
50.10 10.80 6.00 20.32 20.32 25.40 3rd angle projection 25.40
1.0 15.24 20.32
Recommended Footprint Details
Pin Connections
3 1 2
5 10.16 2.54 10.16 2 1 4 3 2.54 2.54
Top View
5.08
Bottom View 4
Pin # 1 2 3 4 5
Single +Vin -Vin +Vout No Pin -Vout
Dual +Vin -Vin +Vout Com -Vout
5
XX.X 0.5 mm XX.XX 0.25 mm
1.2o+0.2/0.1
REC10-Series also available with Remote ON/OFF - Control
For order information please contact your RECOM representative.
REC10-S_DRW(Z)/H/CTRL
3 1 2 6
Recommended Footprint Details
6 10.16 2.54 10.16 2 1 5 4 3 2.54 2.54
Top View
Pin Connections Pin # 1 2 3 4 5 6 Single +Vin -Vin +Vout No Pin -Vout CTRL Dual +Vin -Vin +Vout Com -Vout CTRL
5.08 7.62
Bottom View 4
5
1.2o+0.2/0.1
XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
July-2006
125


▲Up To Search▲   

 
Price & Availability of REC10-2433SRW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X